Part Number Hot Search : 
B1203 RFM8N18 MTE8081N ADR5045 MS322 AD679AJ LM39300 107004
Product Description
Full Text Search
 

To Download SRR6603-681ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. max. 3.00 (.118) 4.45 0.10 (.175 .004) 2.50 0.10 (.098 .004) 1.24 0.10 (.049 .004) 6.60 (.260) max. max. 4.40 (.173) 220 220 srr6603 series - shielded power inductors features available in e12 series unit height of 3 mm current up to 3 a rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications recommended layout general specifications test voltage.....................................0.1 v reflow soldering.....250 ?; 10 sec max. (in compliance with jedec, j-std-020c, table 4-2) operating temperature ..-55 ? to +125 ? (temperature rise included) storage temperature..-55 ? to +125 ? resistance to soldering heat ............................250 ?, 10 sec. max. materials core.........................ferrite dr & ri core wire .............................enameled copper base ..........................................ceramic terminal.....................................cu/ni/au rated current ......ind. drop of 30 % typ. at isat temperature rise ......................30 ? max. at rated irms packaging.....................600 pcs. per reel inductance 100khz q test srf rdc bourns part no. (h) tol. % ref. frequency nom. max. irms isat (khz) q (mhz) ( ? ) (a) (a) srr6603-1r0ml 1.0 20 30 200 250 0.040 3.00 1.4 srr6603-1r5ml 1.5 20 30 200 125 0.045 2.80 0.93 srr6603-2r2ml 2.2 20 40 200 120 0.050 1.80 0.92 srr6603-3r3ml 3.3 20 40 200 120 0.055 1.60 0.75 srr6603-4r7ml 4.7 20 40 200 105 0.060 1.40 0.58 srr6603-6r8ml 6.8 20 40 200 50 0.065 1.20 0.58 srr6603-100ml 10.0 20 40 200 38 0.075 1.00 0.37 srr6603-150ml 15.0 20 40 100 33 0.090 0.80 0.31 srr6603-220ml 22.0 20 40 100 25 0.110 0.70 0.30 srr6603-330ml 33.0 20 40 100 20 0.190 0.60 0.24 srr6603-470ml 47.0 20 40 100 20 0.230 0.50 0.24 srr6603-680ml 68.0 20 40 100 15 0.290 0.40 0.17 srr6603-101ml 100.0 20 40 100 10 0.480 0.30 0.13 srr6603-151ml 150.0 20 40 100 9 0.590 0.26 0.10 srr6603-221ml 220.0 20 40 100 6 0.770 0.22 0.10 srr6603-331ml 330.0 20 40 100 5 1.400 0.20 0.07 srr6603-471ml 470.0 20 40 100 4 1.800 0.19 0.06 SRR6603-681ML 680.0 20 40 100 3 2.200 0.18 0.055 srr6603-102ml 1000.0 20 40 100 2 3.400 0.15 0.045 srr6603-152ml 1500.0 20 50 100 2 4.200 0.12 0.035 srr6603-222ml 2200.0 20 50 100 2 8.500 0.10 0.028 srr6603-332ml 3300.0 20 50 100 1 11.000 0.08 0.024 srr6603-472ml 4700.0 20 50 100 1 13.900 0.06 0.021 srr6603-682ml 6800.0 20 50 100 1 25.000 0.04 0.019 srr6603-103ml 10000.0 20 50 100 0.8 32.800 0.02 0.017 4.10 (.161) ref. 7.00 (.276) 1.60 (.063) ref. 3.00 (.118) ref. electrical schematic *rohs compliant dimensions mm (inches) product dimensions
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr6603 series - shielded power inductors rev. 12/10 packaging specifications embossed carrier embossed cavity 0.10 (.004) thickness max. 12.0 (.472) 14 (.551) 16.5 (.650) 2.0 0.5 (.079 .020) 50.0 (1.969) 178 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) end start user direction of feed 160 (6.299) no component no component components 390 (15.354) 4 (.157) 8 (.315) 12.0 (.472) 220 220 220 220 220 220 2 qty: 600 pcs. per reel soldering profile 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (seconds) temperature (c) <2> max. of 30 seconds > 220 c <1> max. of 10 seconds at 250 c 250 c <2> <1> 120 - 150 seconds ramp-up 4 /second maximum ramp-down 5 c/second maximum


▲Up To Search▲   

 
Price & Availability of SRR6603-681ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X